Part Number Hot Search : 
MSQ6410C P6KE120 11B4D N5253 BC141 0BGXC 74HC1 RB751
Product Description
Full Text Search
 

To Download BU2522DF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522DF
GENERAL DESCRIPTION
New generation, high-voltage, high-speed switching npn transistor with integrated damper diode in a plastic full-pack envelope intended for use in horizontal deflection circuits of high resolution monitors. Features improved RBSOA performance and is suitable for use in horizontal deflection circuits of pc monitors.
QUICK REFERENCE DATA
SYMBOL VCESM VCEO IC ICM Ptot VCEsat ICsat VF tf PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Collector saturation current Diode forward voltage Fall time CONDITIONS VBE = 0 V TYP. 6 0.12 MAX. 1500 800 10 25 45 5.0 2.2 0.25 UNIT V V A A W V A V s
Ths 25 C IC = 6.0 A; IB = 1.2 A f = 64 kHz IF = 6.0 A ICsat = 6.0 A; f = 64 kHz
PINNING - SOT199
PIN 1 2 3 base collector emitter DESCRIPTION
PIN CONFIGURATION
case
SYMBOL
c b
Rbe
case isolated
1
2
3
e
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO IC ICM IB IBM -IB(AV) -IBM Ptot Tstg Tj PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Reverse base current Reverse base current peak value 1 Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -65 MAX. 1500 800 10 25 6 9 150 6 45 150 150 UNIT V V A A A A mA A W C C
average over any 20 ms period Ths 25 C
THERMAL RESISTANCES
SYMBOL Rth j-hs Rth j-a PARAMETER Junction to heatsink Junction to ambient CONDITIONS with heatsink compound in free air TYP. 35 MAX. 2.8 UNIT K/W K/W
1 Turn-off current.
September 1997
1
Rev 1.200
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522DF
ISOLATION LIMITING VALUE & CHARACTERISTIC
Ths = 25 C unless otherwise specified SYMBOL Visol PARAMETER Repetitive peak voltage from all three terminals to external heatsink CONDITIONS R.H. 65 % ; clean and dustfree MIN. TYP. MAX. 2500 UNIT V
Cisol
Capacitance from T2 to external f = 1 MHz heatsink
-
22
-
pF
STATIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL ICES ICES IEBO BVEBO Rbe VCEOsust VCEsat VBEsat hFE hFE VF PARAMETER Collector cut-off current
2
CONDITIONS VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax; Tj = 125 C VEB = 7.5 V; IC = 0 A IB = 600 mA VEB = 7.5 V IB = 0 A; IC = 100 mA; L = 25 mH IC = 6.0 A; IB = 1.2 A IC = 6.0 A; IB = 1.2 A IC = 1.0 A; VCE = 5 V IC = 6 A; VCE = 5 V IF = 6 A
MIN. 7.5 800 5 -
TYP. 150 13.5 50 13 7 -
MAX. 1.0 2.0 5.0 1.1 10 2.2
UNIT mA mA mA V V V V V
Emitter cut-off current Emitter-base breakdown voltage Base-emitter resistance Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain Diode forward voltage
DYNAMIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL Cc PARAMETER Collector capacitance Switching times (64 kHz line deflection circuit) ts tf Turn-off storage time Turn-off fall time CONDITIONS IE = 0 A; VCB = 10 V; f = 1 MHz ICM = 6.0 A; LC = 170 H; Cfb = 5.4 nF; IB(end) = 0.7 A; LB = 0.6 H; -VBB = 2 V; (-dIB/dt = 3.33 A / s) TYP. 115 MAX. UNIT pF
1.7 0.12
2.0 0.25
s s
2 Measured with half sine-wave voltage (curve tracer).
September 1997
2
Rev 1.200
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522DF
TRANSISTOR IC DIODE
ICsat
VCC
t
LC
IB
I B end t 5 us 6.5 us 16 us
IBend LB T.U.T.
CFB
VCL
-VBB
Rbe
VCE t
Fig.1. Switching times waveforms (64 kHz).
Fig.4. Test Circuit RBSOA. VCC = 140 V; -VBB = 4 V; LC = 100 - 400 H; VCL 1500 V; LB = 3 H; CFB = 1 - 2.2 nF; IB(end) = 1.6 - 2 A
hFE
Tj = 25 C
ICsat 90 % IC
100
5V
Tj = 125 C
10 % tf ts IB IBend
10
t
1V
t
1 0.1
- IBM
1 IC / A
10
100
Fig.2. Switching times definitions.
Fig.5. Typical DC current gain. hFE = f (IC) parameter VCE
VBESAT / V
Tj = 25 C Tj = 125 C
+ 150 v nominal adjust for ICsat
1.2 1.1 1.0
Lc
0.9 0.8
D.U.T. IBend LB Cfb
Rbe
0.7 0.6 0.5
IC/IB= 3 4 5 0.1 1 IC / A 10
-VBB
0.4
Fig.3. Switching times test circuit.
Fig.6. Typical base-emitter saturation voltage. VBEsat = f (IC); parameter IC/IB
September 1997
3
Rev 1.200
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522DF
1.0 0.9 0.8 0.7 0.6 0.5
VCESAT / V
100
Poff / W
BU2522AF
IC/IB = 5 4 3
6A
Tj = 25 C
IC =
10
5A
0.4 0.3 0.2 0.1 0 0.1
Tj = 125 C
1 IC / A
10
100
1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 IB / A 2
Fig.7. Typical collector-emitter saturation voltage. VCEsat = f (IC); parameter IC/IB
VBESAT / V
Fig.10. Typical turn-off losses. Tj = 85C Poff = f (IB); parameter IC; f = 64 kHz
BU2522AF
1.2 1.1 1.0
4
Tj = 25 C Tj = 125 C
ts, tf / us
3.5 3 2.5
0.9 IC= 0.8 0.7 0.6 0 1 2 IB / A 3 8A 6A 5A 4A 4
2 1.5 1 5A 0.5 0 0 0.2 0.4 0.6 0.8
IC = 6A
1 1.2 1.4 1.6 1.8 IB / A
2
Fig.8. Typical base-emitter saturation voltage. VBEsat = f (IB); parameter IC
VCESAT / V
Tj = 25 C Tj = 125 C
Fig.11. Typical collector storage and fall time. ts = f (IB); tf = f (IB); parameter IC; Tj = 85C; f = 64 kHz
Normalised Power Derating
with heatsink compound
10
120 110 100 90 80 70 60
6A
PD%
8A
1 5A IC = 4 A 0.1 0.1 1 IB / A 10
50 40 30 20 10 0 0 20 40 60 80 Ths / C 100 120 140
Fig.9. Typical collector-emitter saturation voltage. VCEsat = f (IB); parameter IC
Fig.12. Normalised power dissipation. PD% = 100PD/PD 25C = f (Ths)
September 1997
4
Rev 1.200
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522DF
10
Zth / (K/W)
IC / A 100
BU2520AF
1
0.5 0.2 0.1 0.05 0.02
tp = ICM
= 0.01
30 us
0.1
ICDC 10
P D tp D= tp T
0.01 D=0 0.001 1E-06 1E-04 1E-02 t/s
100 us
T t
1E+00
Fig.13. Transient thermal impedance. Zth j-hs = f(t); parameter D = tp/T
Ptot 1
IC / A 30
BU2522AF
1 ms
0.1
20
10 ms DC
10
0.01 1
0 0 500 VCE / V 1000 1500
10
100
1000
VCE / V
Fig.14. Reverse bias safe operating area. Tj Tjmax
Fig.15. Forward bias safe operating area. Ths = 25 C ICDC & ICM = f(VCE); ICM single pulse; parameter tp Second-breakdown limits independant of temperature. Mounted with heatsink compound.
September 1997
5
Rev 1.200
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522DF
MECHANICAL DATA
Dimensions in mm Net Mass: 5.5 g
15.3 max 0.7 7.3 3.1 3.3 6.2 5.8 21.5 max 3.2
5.2 max
o 45
seating plane
3.5
3.5 max not tinned
15.7 min 1 2.1 max 2 3 1.2 1.0
5.45
0.7 max 0.4 M 2.0
5.45
Fig.16. SOT199; The seating plane is electrically isolated from all terminals.
Notes 1. Refer to mounting instructions for F-pack envelopes. 2. Epoxy meets UL94 V0 at 1/8".
September 1997
6
Rev 1.200
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522DF
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1997
7
Rev 1.200


▲Up To Search▲   

 
Price & Availability of BU2522DF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X